PART |
Description |
Maker |
SST29VE020 SST29EE020 SST29EE020-150-4C-U2 SST29EF |
2 Mbit (256K x 8) page-mode EEPROM x8EEPROM
2 Mbit (256K x8) Page-Mode EEPROM
|
SST[Silicon Storage Technology, Inc]
|
PUMA68F4001I-15 PUMA68F4001MB-17 PUMA68F4001M-17 P |
x32 Flash EEPROM Module 1M (64K X 16), 3V, FLASH, VSOP, COM TEMP(FLASH) X32号,闪存EEPROM模块
|
Macronix International Co., Ltd.
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
EDI7F342MC-BNC EDI7F342MC120BNC EDI7F342MC90BNC |
EEPROM EEPROM Intel/Sharp Flash Modules
|
Ecliptek, Corp.
|
W541E201 W541E202 W541E203 W541E204 W541E205 W541E |
W541C201 w 2Kx16 Flash EEPROM version 4 BIT FLASH EPROM MICROCONTROLLER
|
Winbond Electronics
|
SST39SF010 SST39SF010-70-4C-NH SST39SF010-70-4C-PH |
From old datasheet system x8 Flash EEPROM 512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
|
SST[Silicon Storage Technology, Inc]
|
V29C51004B V29C51004T V29C51004T-70J V29C51004T-70 |
x8 Flash EEPROM x8闪存EEPROM 4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp]
|
SST39VF016-70-4C-B2K SST39VF080-90-4I-B2K SST39VF0 |
x8 Flash EEPROM 4-Mbit (256K x 16) Static RAM CYRF6936 - WirelessUSB™ LP 2.4 GHz Radio SoC IC SRAM 32KX8 3.0V LP 28-SOIC 20-, 40-, and 60-Bit I/O Expander with EEPROM x8闪存EEPROM
|
Silicon Storage Technology, Inc.
|
AS29F040 AS29F040-120LC AS29F040-150LC AS29F040-15 |
5V 512K x 8 CMOS flash EEPROM, access time 70ns 5V 512K x 8 CMOS flash EEPROM, access time 55ns 5V 512K x 8 CMOS flash EEPROM, access time 90ns
|
ALSC[Alliance Semiconductor Corporation]
|
WMF128K8 WMF128K8-120CC5 WMF128K8-120FEM5A WMF128K |
128Kx8 Monolithic Flash(128Kx8单片闪速存储器) x8 Flash EEPROM
|
White Electronic Designs Corporation
|
PUMA2F16006M-90 PUMA2F16006-90 PUMA2F16006M-120E P |
32-Tap, Volatile DPP with I2C/DEC, Up/Down Interface, TSSOP BGA, ROHS-A, IND TEMP, T&R(ARM) BGA,GREEN,IND TEMP,T&R(ARM) x32 Flash EEPROM Module X32号,闪存EEPROM模块 EEPROM EEPROM
|
Infineon Technologies AG Amphenol Tuchel
|
AS29LV800T-80TC AS29LV800T-80TI |
3V 1M8/512K6 CMOS Flash EEPROM 3V 1M8/512K16 CMOS Flash EEPROM
|
ANADIGICS, Inc. Anadigics Inc
|